Part Number Hot Search : 
MAX2031 HMC313 SMF15 MC1350D 5F10Z4E DS1821 PIC18 LC100
Product Description
Full Text Search
 

To Download GM7130-50TA5R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Description
GM7130 of regulators provides all the active functions for a step- down (buck) switching regulator, and drives 3A load with excellent line and load regulation. GM7130 is available in fixed output voltages of 3.3V, 5V, 12V 15V , and a versatile Adjustable output version. These regulators are simple to use and require a minimum number of external components. Features include internal frequency compensation and a fixed-frequency oscillator. The GM7130 is high-efficiency replacements for popular three-terminal linear regulators, and is requiring a smaller heatsink or even no heatsink. GM7130 performs well with standard inductors from several manufacturers, and simplifying the design of switch-mode power supplies. GM7130 guarantees 4% tolerance on output voltage within specified input voltages and output load conditions, and 10% on the oscillator frequency. External shutdown is induced with 50 uA (typical) standby current. The output switch has cycle-by-cycle current limiting as well as thermal shutdown for full protection under fault conditions.
Features
3.3V, 5V, 12V, 15V, Adjustable output versions Adjustable version output voltage range 1.23V to 37V 4% max over line and load conditions 3A output current Input voltage range 7V to 40V Requires only 4 external components High efficiency TTL shutdown capability, low power standby mode Thermal shutdown, current limit protection Uses standard inductors 52 kHz fixed frequency internal oscillator
Application
Pre-regulator for linear regulators High-efficiency step-down buck regulator On-card/ board switching regulators Positive to negative converter (buck-boost)
TYPICAL APPLICATIONS
7V - 40V Unregulated DC Input
+VIN 1
GM7130-5.0
Output 2 3 GND 5 ON/ OFF D1 1N5822 100 H L1 +
+5V Regulated Output 3A Load
+
CIN 100 F
COUT 680 F
www.gammamicro.com
GM7130 V0.1
1
Feedback 4
GM 431
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
MARKING INFORMATION & PIN CONFIGURATIONS (Top View)
TO-220-5
TO-220- 5B
TO-263-5(D PAK)
2
. .
GM7130 V VAYWW GM7130
VVAYWW
.
GM7130
VVAYWW
VIN Output Ground VIN Output Ground
1 23 45
ON/OFF Feedback
VIN Output Ground
ON/OFF Feedback
ON/OFF Feedback
V V, VVV A Y WW
= Output Voltage (33 = 3.3V, 120= 12V, A =A dj ) = Assembly Location =Year =Weekly
ORDERING INFORMATION
Ordering Number
GM7130-ATB5T GM7130-ATB5BT GM7130-ATA5R GM7130-ATA5T GM7130-3.3TB5T GM7130-3.3TB5BT GM7130-3.3TA5R GM7130-3.3TA5T GM7130-5.0TB5T GM7130-5.0TB5BT GM7130-5.0TA5R GM7130-5.0TA5T GM7130-12TB5T GM7130-12TB5BT GM7130-12TA5R GM7130-12TA5T GM7130-15TB5T
Output Voltage
Adj Adj Adj Adj 3.3 3.3 3.3 3.3 5.0 5.0 5.0 5.0 12 12 12 12 15 15 15 15
Package
TO-220-5 TO-220-5B TO-263-5 TO-263-5 TO-220-5 TO-220-5B TO-263-5 TO-263-5 TO-220-5 TO-220-5B TO-263-5 TO-263-5 TO-220-5 TO-220-5B TO-263-5 TO-263-5 TO-220-5 TO-220-5B TO-263-5 TO-263-5
Shipping
50 Units / Tube 50 Units / Tube 800 Units/ Tape & Reel 50 Units / Tube 50 Units / Tube 50 Units / Tube 800 Units/ Tape & Reel 50 Units / Tube 50 Units / Tube 50 Units / Tube 800 Units/ Tape & Reel 50 Units / Tube 50 Units / Tube 50 Units / Tube 800 Units/ Tape & Reel 50 Units / Tube 50 Units / Tube 50 Units / Tube 800 Units/ Tape & Reel 50 Units / Tube
GM7130
GM7130-15TB5BT GM7130-15TA5R GM7130-15TA5T
* TB5B: Bent and Staggered Leads of TO-220 package
** For detail Ordering Number identification, please see last page.
2
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
ABSOLUTE MAXIMUM RATINGS
Rating
Maximum Supply Voltage ON/OFF Pin Input Voltage Output Voltage to Ground (Steady State) Power Dissipation Storage Temperature Range Maximum Junction Temperature Minimum ESD Rating (C=100pF, R=1.5kW) Lead Temperature (Soldering, 10 seconds)
Value
45 -0.3 V VIN -1.0 Internally Limited -65 to + 150 +150 2 +260
Unit
V V V
-
C C kV C
OPERATING RATINGS
Rating
Operating Temperature Range Supply Voltage -40
Value
TJ 40 125
Unit
C V
BLOCK DIAGRAM
Unregulated DC Input
V IN
1 4
Feedback R2 + 1.0K R1 Fixed Gain Error AMP
Internal Regulator
ON/OFF
5
ON/OFF
+
CIN
Comparator + -
3 AMP Switch Driver Output L1
2
1.23V Band-Gap Reference D1 52kHz Oscillator Reset Thermal Shutdown Current Limit
+
VOUT
3
GND
C out
L O A D
GM7130
3
GM 431
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
ELECTRICAL CHARACTERISTICS: GM7130-3.3
(Specifications with standard type face are for TJ = 25C, and those with boldface type apply over full Operating Temperature Range)
Parameter
Output Voltage Output Voltage - GM7130 Efficiency 6V
Conditions
VIN = 12V, ILOAD = 0.5A VIN 40V, 0.5A ILOAD 3.0A
Symbol
VOUT VOUT h
Min
3.234
Typ
3.3
Max
3.366
Unit
V V %
3.168/ 3.135 3.3 3.432/ 3.465 -
VIN = 12V, ILOAD = 3.0A
75
-
ELECTRICAL CHARACTERISTICS: GM7130-5.0
(Specifications with standard type face are for TJ = 25C, and those with boldface type apply over full Operating Temperature Range)
Parameter
Output Voltage Output Voltage - GM7130 Efficiency 8V
Conditions
VIN = 12V, ILOAD = 0.5A VIN 40V, 0.5A ILOAD 3.0A
Symbol
VOUT VOUT h
Min
4.900
Typ
5.0
Max
5.100
Unit
V V %
4.800/ 4.750 5.0 5.200/ 5.250 -
VIN = 12V, ILOAD = 3.0A
77
-
ELECTRICAL CHARACTERISTICS: GM7130-12
(Specifications with standard type face are for TJ = 25C, and those with boldface type apply over full Operating Temperature Range)
Parameter
Output Voltage Output Voltage - GM7130 Efficiency 15V
Conditions
VIN = 25V, ILOAD = 0.5A VIN 40V, 0.5A ILOAD 3.0A VIN = 15V, ILOAD = 3.0A
Symbol
VOUT VOUT h
Min
11.76
Typ
12.0
Max
12.24
Unit
V V %
11.52/ 11.40 12.0 12.48/ 12.60 -
88
-
ELECTRICAL CHARACTERISTICS: GM7130-15
(Specifications with standard type face are for TJ = 25C, and those with boldface type apply over full Operating Temperature Range)
Parameter
Output Voltage Output Voltage - GM7130 Efficiency
Conditions
VIN = 25V, ILOAD = 0.5A 18V VIN 40V, 0.5A ILOAD 3.0A VIN = 18V, ILOAD = 3.0A
Symbol
VOUT VOUT h
Min
14.70
Typ
15.0
Max
15.30
Unit
V V %
14.40/14.25 15.0 15.60/ 15.75 -
88
-
GM7130
4
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
ELECTRICAL CHARACTERISTICS: GM7130-ADJ
(Specifications with standard type face are for TJ = 25C, and those with boldface type apply over full Operating Temperature Range)
Parameter
Feedback Voltage Feedback Voltage - GM7130 Efficiency
Conditions
VIN = 12V, ILOAD = 0.5A, VOUT = 5V 8V VIN 40V, 0.5A ILOAD 3.0A VOUT = 5V VIN = 12V, ILOAD = 3A, VOUT=5V
Symbol
VOUT VOUT h
Min
1.217
Typ
1.230
Max
1.243
Unit
V V %
1.193/1.180 1.230 1.267/1.280 77 -
ELECTRICAL CHARACTERISTICS: All Output Voltage Versions
(Specifications with standard type face are for TJ = 25 C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise specified, VIN= 12V for the 3.3V, 5.0V and ADJ version, VIN= 25V for 12V version. and VIN= 30V for 15V version. ILOAD = 500 mA)
Parameter
Feedback Bias Current Oscillator Frequency Saturation Voltage Max Duty Cycle (ON) Current Limit Output Leakage Current Quiescent Current Standby Quiescent Current
Conditions
VOUT = 5V (Adjustable Version Only) (Note 11) IOUT = 3A (Notes 4) (Note 5) (Note 4, 11) (Notes 6, 7) Output = -1 V Output = -1V
Symbol
Ib fo VSAT DC ICL IL IQ ISTBY qJA qJA qJC qJA VIH VIL IIH IIL
Min
47 / 42 93 4.2 / 3.5 2.2 / 2.4 -
Typ
50 52 1.4 98 5.8 7.5 5 50 65 45 2 50 1.4 1.2 12 0
Max
100 / 500 58 / 63 1.8 / 2.0 6.9 / 7.5 2 30 10 200 -1.0 / 0.8 30 10
Unit
nA
kHz V %
A mA mA A
(Note 6) ON/OFF Pin = 5V (OFF)
TO-220 Package, Junction to Ambient (Note 8)
Thermal Resistance
TO-220 Package, Junction to Ambient (Note 9) TO-220,TO-263 Package, Junction to Case TO-263 Package, Junction to Ambient (Note 10)
C/W
ON/OFF Pin Logic Input Level
VOUT=0V VOUT = Nominal Output Voltage ON/OFF Pin = 5V (OFF)
V V A A
ON/OFF Pin Input Current ON/OFF Pin = 0V (ON)
GM7130
5
GM 431
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. Guaranteed specifications and Test conditions are shown in Electrical Characteristics. Note 2: All limits guaranteed at 25C (standard type face) and over full operating temperature range (bold type face). All 25C limits are 100% production tested. All limits over full operating temperature range are guaranteed via correlation using standard Statistica Quality Control methods. Note 3: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the GM7130 is used as shown in the Figure 1 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics. Note 4: Output pin sourcing current. No diode, inductor or capacitor connected to output. Note 5: Feedback pin removed from output and connected to 0V. Note 6: Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V versions, to force the output transistor OFF. Note 7: VIN = 40V Note 8: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with 1/2 inch leads in a socket, or on a PC board with minimum copper area. Note 9: Junction to ambient thermal resistance (no external heat sink) for the 5 lead TO-220 package mounted vertically, with 1/4 inch leads soldered to a PC board containing approximately 4 square inches of copper area surrounding the leads. Note 10: If the TO-263 package is used, the thermal resistance can be reduced by increasing the PC board Copper area thermally connected to the package. Using 0.5 square inches of copper area, qJA is 50C//W, with 1 square inch of copper area, qJA is 37C/W, and with 1.6 or more square inches of copper area, qJA is 32C/W. Note 11: The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an Overload which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This self- protection feature lowers the Average power dissipation of GM7130 by lowering the minimum duty cycle from 5% down to approximately 2%.
GM7130
6
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
TEST CIRCUIT AND LAYOUT GUIDELINES
Careful layout is important with any switching regulator. Rapidly switching currents associated with wiring inductance generate voltage transients which can cause problems. To minimize inductance and ground loops, the lengths of the leads indicated by heavy lines in Figure 1 below should be kept as short as possible. Singlepoint grounding (as indicated in Figure 1) or ground plane construction should be used for best results. When using the Adjustable version, place the programming resistors as close as possible to Gm7130, to keep the sensitive feedback wiring short.
Figure 1(a). Fixed Output Voltage Versions GM 7130FIXED OUTPUT
ON/OFF 5 + D1 COUT 680 F L O A D Feedback 4 Output 2 GND 3 VIN Unregulated DC Input + CIN 100 F L1 100 H VOUT
+VIN 1
CIN - 100 F, 75V, Aluminum Electrolytic COUT - 680 F, 25V, Aluminum Electrolytic D1 - Schottky, MBR360 L1 - 100 H, 3L Electronic Corp. TC-101M-3.0A-6826 R1 - 2k, 0.1% R2 - 6.12k, 0.1%
Feedback +VIN 1 7V - 40V Unregulated DC Input GND 3 + CIN 100 F D1 MBR360 ON/ OFF 5 + COUT 680 F 4
GM7130-ADJ
Output 2 L1 100 H R2 L O A D VOUT=5.0V
R1
VOUT = VREF ( 1 +
VOUT R2 = R1 ( V -1) REF
R2 ) R1
where VREF = 1.23V, R1 between 1k and 5k.
Figure 1(b). Adjustable Output Voltage Versions
GM7130
7
GM 431
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Typical Performance Characteristics
Figure 2. Switch Saturation Voltage
1.6 1.4
SATURATION VOLTAGE (V) 6.5
Figure 3. Current Limit
VIN = 25V
1.2 1.0 0.8
-55C
OUTPUT CURRENT (A)
6.0
5.5
25C 0.6 0.4 0.2 0 0 0.5 1.0 1.5 2.0 2.5 3.0
SWITCH CURRENT (A)
5.0
150 C
4.5
4.0 -75 -50 -25 0 25 50 75 100 125 150 JUNCTION TEMPERATURE (C)
Figure 4. Dropout Voltage
2.0 INPUT-OUTPUT DIFFERENTIAL (V) ILOAD = 3A 1.5 ILOAD = 1A 1.0 ILOAD = 200mA 0.5 QUIESCENT CURRENT(mA) L1 = 150 H 20 18 16 14 12 10 8 6 4 0
Figure 5. Quiescent Current
VOUT = 5V Measured at Ground Pin TJ = 25
ILOAD = 3A
0 -75 -50 -25
RIND = 0.1W 0 25 50 75 100 125 150
ILOAD = 200mA 10 20 30 40 50 60
JUNCTION TEMPERATURE (C)
INPUT VOLTAGE (V)
SATURATION QUIESCENT CURRENT (A)
Figure 6. Standby Quiescent Current
200 5.0
Figure 7. Minimum Operating Voltage
Adjustable Version Only 4.5 4.0 INPUT VOLTAGE (V) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 VOUT 1.23V ILOAD = 500 mA -25 0 25 50 75 100 125 JUNCTION TEMPERATURE (C)
VIN = 40V
150
V ON / OFF = 5V 100
GM7130
50
VIN = 12V
0 -50 -25 0 25 50 75 100 JUNCTION TEMPERATURE (C) 125
0 -50
8
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Typical Performance Characteristics
Figure 8. Quiescent Current vs. Duty Cycle
20.0 QUIESCENT CURRENT (mA) 17.5 15.0 12.5 10.0 7.5 5.0 2.5 0 0 ILOAD = 500mA 20 40 60 80 100 VIN = 7V VIN = 40V FEEDBACK VOLTAGE CHANGE (mV) Adjustable Version Only
Figure 9. Feedback Voltage vs. Duty Cycle
20.0 15.0 10.0 5.0 0 -5.0 -10.0 -15.0 -20.0 0 20 40 60 80 100 DUTY CYCLE (%) VIN = 7V VIN = 40V Adjustable Version Only ILOAD = 500mA
DUTY CYCLE (%)
Figure 10. Maximum Power Dissipation(TO-263)
100
Figure 11. Feedback Pin Current
Adjustable Version Only
POWER DISSIPATION (W)
4 3 2 1 0
0
qJA = 32C/ W qJA = 37C/ W
FEEDBACK PIN CURRENT (nA)
75 50 25 0 -25 -50 -75 -100 -75 -50 -25 0 25 50 75 100 125 150 JUNCTION TEMPERATURE (C)
qJA = 50C/ W qJA = 73C/ W 10 20 30 40 50 60 70 80 90 100 AMBIENT TEMPERATURE (C)
GM7130
9
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Typical Performance Characteristics
Figure 12. Switching Waveforms Figure 13. Load Transient Response
Output Voltage Change 100mv/ div Inductor Current 1A/ div
3A Load Current 10mA
1kHz
Input : 12V Output : 5V @3A
MAXIMUM INPUT VOLTAGE(V)
MAXIMUM INPUT VOLTAGE(V)
MAXIMUM INPUT VOLTAGE(V)
00
H
0
15
47
00
0
10
33
0
0
33
22
10
15
68
6
47
H
8
68
H
100H 68H
10
16 15 14 0.3
150H
0
7
H
H
220H
0
18
10 9
0
0
8
15
H
H
20
22
12
0
H
H
330H
47
H
10
680H
0
H
25
470H
68
40 20 15
68
H
10
0
40 35 30
0
H
00
H
H
40 20 15
H
H
H
47
H
5 0.3 0.4 0.5 0.6 0.8
1
1.5
2
2.5
3
0.4 0.5 0.6 0.70.8 1.0
1.5
2.0 2.5 3.0
7 0.3 0.4 0.5 0.60.8
1 1.2 1.5
2
2.5 3
MAXIMUM LOAD CURRENT(A)
MAXIMUM LOAD CURRENT(A)
MAXIMUM LOAD CURRENT(A)
Figure 14. GM7130 -3.3
Figure 15. GM7130 - 12
Figure 16. GM7130 -5.0
150
15
MAXIMUM INPUT VOLTAGE(V) 100 90 80 70 60 50 45 40 35 30 25 20 0.3
00
H 00 H 0 H
10
PROCEDURE(Adjustable Output Voltage Versions) Given:
47 H 0
68
33
0
H
22 0 H
15 0 H
VOUT = Regulated Output Voltage VIN(Max) = Maximum Input Voltage ILOAD(Max) = Maximum Load Current F = Switching Frequency (Fixed at 52 kHz)
0 H
68
H
10
1. Programming Output Voltage(Selecting R1 and R2, as shown in Figure 12. And Figure 13. Use the following formula to select the appropriate resistor values. VOUT = VREF ( 1+ R2 ) R1 where VREF = 1.23V
0.4 0.5 0.6 0.7 0.8 1.0
1.5
2..0 2.5 3.0
MAXIMUM LOAD CURRENT(A)
Figure 17. GM7130 - ADJ VOUT 1,000 E * T = (VIN - VOUT) * VIN F(in kHz)
R1 can be between 1k and 5k. (For best temperature coefficient and stability with time, use 1% metal film resistors) R2 = R1 ( VOUT -1) VREF
GM7130
EXAMPLE (Adjustable Output Voltage Versions) Given:
VOUT = 10V VIN(Max) = 25V ILOAD(Max) =3A F = 52kHz 1. Programming Output Voltage (Selecting R1 and R2) R2 VOUT = 1.23 (1+ ) Select R1 = 1k R1 VOUT 10V R2 = R1( -1) = 1k ( -1) 1.23V VREF R2 = 1k (8.13 - 1) = 7.13k, closest 1% value is 7.15k
10
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
Inductor Selection by Manufacturer's Part Numbe.
Inductor Value 47H 68H 100H 150H 220H 330H 470H 680H 1000H 1500H
3L Electronic Corp.
TC-470M-3A-5026 TC-680M-3A-5026 TC-101M-3A-5026 TC-151M-3A-8026 TC-221M-3A-8026 TC-331M-3A-8026 TC-471M-3A-8026 TC-681M-3A-8026 TC-102M-3A-9426 TC-152M-3A-9426
3L Electronic Corp., + 886(2) 86659999 Website : www.3lcoil.com.tw
Capacitor Selection by Manufacturer's Part Number
Capacitor Value 100F 220F 470F 680F 1000F
Nippon ChemiI - Con Corp.
KY50VB100-MH11 KY50VB220-MJ16 KY50VB470-MJ30 KY50VB680-MK30 KY50VB1000-ML25
Nippon Chemi-Con Corp. , + 81(3)54367628 Website : www.chemi-con.co.jp
GM7130
11
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
TO-220-5 PACKAGE OUTLINE DIMENSIONS
9.97 0.20 9.90 0.20 3.60 0.20 1.30 0.10 1.70 1.50 DP0.20 9.20 0.20 3.70 0.20 4.60 15.90 0.20 3 7.0 0.20 28.78 MAX 9.20 0.20 3 3 8.70 2.80 0.10 4.50 0.20 8.0 0.20
+0.1 1.30 -0.05
7.0
8.40 1.2
13.08 0.20
3-R0.2
5-0.8 0.10
0.50 -0.05
+0.1
2.40 0.20
1.7(TYP) 3 3
2 - R 0.3
Unit: mm
10.00 0.20
TO-263-5 PACKAGE OUTLINE DIMENSIONS
9.90 0.40 15 1.20 3 4.60 1.50 DP0.20 9.20 4.50 1.30
Pad Layout
15.3 2.00 0.10 3 17.5 9 3.8 1.7 11.5
1.20
4.90
0.75 R0.30
2.40 R0.30 2.54 0.50
1.70 TYP (1.70 0.20)
0.80 0.40
10.0 8.0 7.0 4.40
1.07
GM7130
1.75 3 R 0.3 3 0.90 R 0.45 7.2 9.20 15.30 10.00
Units: mm
4.90
12
Unit: mm
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
TO-220-5B PACKAGE OUTLINE DIMENSIONS
0.18 0.004 4.57 0.1 0.4 0.006 10.16 0.15 0.108 0.006 2.74 0.15 0.05 0.004 1.27 0.1 0.151 0.002 3.84 0.05 0.05 0.004 1.27 0.1 0.032 0.004 0.81 0.1 0.138 0.004 3.5 0.1 0.9645 0.0075 24.5 0.2
0.4985 0.0075 12.66 0.2
0.358 0.008 9.1 0.2 0.996 0.008 25.3 0.2 0.105 0.006 2.76 0.15
0.213 0.004 5.4 0.1
0.1535 0.0035 3.9 0.1 0.220 TYP 1.700 TYP 0.268 0.004 0.68 0.1
0.173 0.006 4.4 0.15 0.331 0.006 8.4 0.15 0.0165 0.0045 0.42 0.11
(
Inches ) mm
ORDERING NUMBER
GM 7130 A TB5 T
Gamma Micro. Shipping R: Tape & Reel T: Tube
Circuit Type Package TA5: TO-263-5 TB5: TO-220-5 TB5B: TO-220-5B Output Voltage A: Adj, 3.3: 3.3V 5.0: 5.0V, 12: 12V 15: 15V
GM7130
13
MICROELECTRONICS
A
A
Power Management GM7130
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130
14


▲Up To Search▲   

 
Price & Availability of GM7130-50TA5R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X